Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 110 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 99
MC68HC705V8 Specification Rev. 2.1
15.1.1
MDLC OPERATING MODES
The MDLC has five main modes of operation which interact with the power supplies, pins
and rest of the MCU as shown below.
15.1.2
MODE DESCRIPTIONS
15.1.2.1
Power Off
This mode is entered from the Reset mode whenever the MCU supply voltage VDD drops
below the minimum specified value to guarantee correct MDLC operation. In order to
ensure that the MDLC does not enter an unknown state, it will first be placed in the Reset
mode before being powered down. In this mode, the pin input and output specifications are
not guaranteed.
VDD > Vmdlc(Min.) and
Power Off
Figure 15-1:
MDLC Operating Modes State Diagram
Reset
MDLC Stop
Run
VDD ≤ Vmdlc(Min.)
STOP instruction or
(from any mode)
MDLC Wait
RXMS=1 or
(WAIT instruction and WCM=1)
(WAIT instruction and WCM=0)
Any MCU reset source asserted
No MCU reset source asserted
Any MCU reset source asserted
Network activity or
other MCU wake-up
other MCU wake-up
(COP, ILLADDR, P.U., RESET, LVR, POR
DISABLED STOP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com