Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 107 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 172 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 96
MC68HC705V8 Specification Rev. 2.1
14.4
SPI IN STOP MODE
When the MCU enters the STOP mode, the baud rate generator which drives the SPI shuts
down. This essentially stops all master mode SPI operation; thus, the master SPI is unable
to transmit or receive any data. If the STOP instruction is executed during an SPI transfer,
that transfer is halted until the MCU exits the stop mode (provided it is an exit resulting from
a viable interrupt source). If the stop mode is exited by a reset, then the appropriate control/
status bits are cleared and the SPI is disabled. If the device is in the slave mode when the
STOP instruction is executed, the slave SPI will still operate. It can still accept data and clock
information in addition to transmitting its own data back to a master device.
At the end of a possible transmission with a slave SPI in the stop mode, no flags are set until
a viable interrupt results in an MCU "wake up". Caution should be observed when operating
the SPI (as a slave) during the stop mode because none of the protection circuitry (write
collision, mode fault, etc.) is active.
It should also be noted that when the MCU enters the stop mode all enabled output drivers
(MISO, MOSI, and SCLK ports) remain active and any sourcing currents from these outputs
will be part of the total supply current required by the device.
14.5
SPI IN WAIT MODE
The SPI subsystem remains active in wait mode. Therefore, it is consuming power. If it is
desired to reduce power, the SPI should be shut off prior to entering wait mode. A non-
resetexit from wait mode will result in the state of the SPI being unchanged. A reset exit will
return the SPI to its reset state, which is disabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com