Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 115 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 104
MC68HC705V8 Specification Rev. 2.1
15.2.2.3
R1, R0 - Rate Select
These bits determine the operating frequency of the MDLC.
The nominal frequency (f
MDLC) of the MUX Interface clock must always be 1.048576 MHz
in order for J1850 bus communication to take place. Therefore, the value programmed into
these bits is dependant upon the chosen MCU system clock frequency per the following
table.
In the case of R1=R0=0, the oscillator clock is used instead of E clock.
The case of R1=R0=1 must not be selected for the MC68HC05V7 and MC68HC705V8.
15.2.2.4
IE - Interrupt Enable
This bit determines whether the MDLC will generate CPU interrupt requests in the Run
mode. Clearing the IE bit will not prevent CPU interrupt requests when exiting the MDLC
Stop or MDLC Wait modes.
When set, the MDLC will generate CPU interrupt requests. Interrupt requests will be
maintained until all of the interrupt request sources are cleared, by performing the specified
actions upon the MDLC’s registers.
When clear, the MDLC will not generate CPU interrupt requests. Interrupts that were
pending at the time that this bit is cleared may be lost.
15.2.2.5
WCM - Wait Clock Mode
This bit determines the operation of the MDLC during CPU Wait mode. See 15.7.6 MDLC
WAIT MODE for more details on its use.
When set, the MDLC internal operating clocks will be stopped during CPU Wait mode.
When clear, the MDLC internal operating clocks will stay running during CPU Wait mode.
Table 15-2:
MDLC Rate Selection
Clock Frequency
R1
R0
Division
f
MDLC
fosc =1.048576 MHz
(f
OP =524Khz)
0
0
1
1.048576 MHz
f
OP =1.048576 MHz
0
1
1
1.048576 MHz
f
OP =2.097152 MHz
1
0
2
1.048576 MHz
f
OP =4.194304 MHz
1
1
4
1.048576 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com