Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 94Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 95Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 96Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 97Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 98Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 99Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 100Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 101Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 102Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 102 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
102
11 Mechanical Drawing
M
16
1
17
33
49
64
J
H
C
D
B
32
48
P
Q
S
R
L
K
G
F
I M
N
64-PIN PLASTIC TQFP (10x10)
detail of lead end
NOTE
Each lead centerline is located within 0.13 mm of its
true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
INCHES
A
12.0±0.2
0.472±
0.055
0.045
S64GB-50-9EU-1
0.009
0.008
B
10.0±0.2
0.394± 0.008
0.009
C
10.0±0.2
0.394± 0.008
0.009
D
12.0±0.2
0.472± 0.009
0.008
F
1.25
0.049
G
1.25
0.049
H
0.22±
0.009±0.002
I
0.10
0.004
J
0.5 (T.P.)
0.020 (T.P.)
K
1.0±0.2
0.039± 0.009
0.008
L
0.5±0.2
0.020± 0.008
0.009
L
P
M
0.145±
0.006±0.002
0.055
0.045
N
0.10
0.004
P
1.0±0.1
0.039±
0.005
0.004
Q
0.1±0.05
0.004±0.002
R
3°±
3°± 7°
S
1.27 MAX
0.050 MAX
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com