Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 72Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 73Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 75Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 76Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 77Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 78Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 79Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
76
9.1
Control ‘Read’ Transfers
9.1.1 Get Device Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:2 = Reserved
bit 1 = Device Remote Wakeup enabled
bit 0 = Power supply is good in Self-Powered mode.
Determined by local CPU
9.1.2 Get Interface Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:0 = Reserved
0000h
9.1.3 Get Endpoint Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:1 = Reserved
bit 0 = Endpoint is halted
Determined by local CPU
9.1.4 Get Device Descriptor (18 Bytes)
Offset
Number of
Bytes
Description
Suggested Value
0
1
Length
12h
1
1
Type (device)
01h
2
2
USB Specification Release Number
0200h
4
1
Class Code
FFh
5
1
Sub Class Code
00h
6
1
Protocol
00h
7
1
Maximum Endpoint 0 Packet Size
40h
8
2
Vendor ID
0525h
10
2
Product ID
2272h
12
2
Device Release Number
0110h
14
1
Index of string descriptor describing manufacturer
01h
15
1
Index of string descriptor describing product
02h
16
1
Index of string descriptor describing serial number
00h (not enabled)
17
1
Number of configurations
Determined by local CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com