Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
62
8.5
USB Control Registers
8.5.1 (Address 18h; USBCTL0) USB Control Register (low byte)
Bits
Description
Read
Write
Default
Value
7:6
Reserved
Yes
No
11
5
USB Root Port Wakeup Enable. When clear, the wake-up condition is not
detected. When set, the root port wake-up condition is detected when activity is
detected on the USB.
Yes
Yes
1
4
Reserved.
Yes
Yes
0
3
USB Detect Enable. When clear, the NET2272 does not appear to be connected to
the USB host. When set, the NET2272 appears to be connected to the USB host.
This bit should not be set until the configuration registers have been programmed.
When operating as a bus-powered device, the registers should be programmed and
this bit should be set promptly after VBUS has been detected.
Yes
Yes
0
2
Reserved.
Yes
No
0
1
I/O Wakeup Enable. When clear, asserting CS# will not cause a device remote
wakeup. When set, this bit enables the assertion of CS# to initiate a device remote
wakeup.
Yes
Yes
0
0
Reserved.
Yes
No
0
8.5.2
(Address 19h; USBCTL1) USB Control Register (high byte)
Bits
Description
Read
Write
Default
Value
7:5
Reserved.
0
No
0
4
Virtual Endpoint Enable. When set, this bit enables the virtual endpoint feature of
the Net2272. A NAK is returned to the USB host if an IN or TOKEN is received for
an endpoint that is virtualized.
Yes
Yes
0
3
Generate Resume. Writing a 1 to this bit causes a Resume sequence to be initiated
to the host if device remote wakeup is enabled. This bit should be written after a
device remote wakeup has been generated (CS# pin asserted). This bit is self-
clearing, and reading always returns a 0.
No
Yes/
Resume
0
2
USB High Speed. When set, this bit indicates that the transceiver is operating in
high speed (480 Mbits/sec) mode.
Yes
No
0
1
USB Full Speed. When set, this bit indicates that the transceiver is operating in full
speed (12 Mbits/sec) mode.
Yes
No
0
0
VBUS pin. This bit indicates the state of the VBUS pin. When set, this bit indicates
that the NET2272 is connected to the USB.
Yes
No
0
8.5.3 (Address 1Ah; FRAME0) Frame Counter (low byte)
Bits
Description
Read
Write
Default
Value
7:0
FRAME[7:0]. This field contains the frame counter from the most recent start-of-
frame packet.
Yes
No
0
8.5.4 (Address 1Bh; FRAME1) Frame Counter (high byte)
Bits
Description
Read
Write
Default
Value
7:3
Reserved.
0
No
0
2:0
FRAME[10:8]. This field contains the frame counter from the most recent start-of-
frame packet.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com