Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
18
2.4
Local Bus Pin Descriptions (31 pins)
Signal Name
Pin
Type
Description
LA[4:0]
28-32
I
Address Bus.
Five bits of address can directly address most of the
internal registers of the NET2272. A minimum of 1 address bit is required
to operate the NET2272, using an optional Register-Indirect mode. A
third addressing mode (multiplexed address and data) uses ALE with
LD[4:0] to provide 5 bits of register addressing.
ALE
53
I
Address Latch Enable.
When operating in Multiplexed Address and
Data mode, the 5-bit address bus is latched on the trailing (negative) edge
of ALE.
The NET2272 will automatically detect use of the ALE pin to
indicate use of multiplexed address and data on the LD[4:0] pins.
LD[15:0]
49, 47-43,
39-35,
23-19
I/O,
6mA
Data Bus. These pins serve as the input and output data bus for the local
CPU. In multiplexed address/data mode, ALE can be used with LD[4:0]
to provide 5-bits of address on the falling edge of ALE. In 16-bit mode,
the data bus is 16-bits wide.
IOR#
59
I
Read Strobe.
The local bus master asserts this signal during a read
transaction.
IOW#
60
I
Write Strobe. The local bus master asserts this signal during a write
transaction.
IRQ#
63
O,
12mA,
OD
Interrupt Request Output.
This signal interrupts the local processor
based on events selected in internal program registers. Since this pin is
open-drain, an external 1K pull-up resistor is required.
CS#
61
I
Chip Select. This signal enables access to registers within the NET2272.
Asserting this pin during suspend will cause the device to wake up.
Asserting this pin during RESET# holds the NET2272 in a low-power
mode by disabling the internal oscillator.
DMAWR#
34
I
DMA Write Strobe. The DMA bus master asserts this signal during a
DMA write transaction when split-bus DMA is selected.
DMARD#
50
I
DMA Read Strobe. The DMA bus master asserts this signal during a
DMA read transaction when split-bus DMA is selected
DREQ
62
O,
3mA,
TS
DMA Request.
This signal requests DMA transfers from an external
DMA controller. This output floats when the USB Host suspends the
device. The polarity of this signal is programmable.
DACK
51
I
DMA Acknowledge. Used to transfer data to/from the packet buffer in
response to DREQ. This pin is ignored unless the DMA DACK Enable bit
in the LOCCTL1 register is set.
The polarity of this signal is
programmable.
EOT
52
I
End of Transfer. This signal from an external DMA controller is used to
terminate a DMA transfer. The current word will be transferred, but no
additional transfers will be requested. EOT can be programmed to cause
an interrupt. The polarity of this signal is programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com