Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
54
8.2.2 USB Control Registers
Address
Register Name
Register Description
Page
18h
USBCTL0
USB Control Register (low byte)
62
19h
USBCTL1
USB Control Register (high byte)
62
1Ah
FRAME0
USB Frame Number (low byte)
62
1Bh
FRAME1
USB Frame Number (high byte)
62
30h
OURADDR
Our USB Address
63
31h
USBDIAG
Diagnostic register
63
32h
USBTEST
USB 2.0 Test Control Register
64
33h
XCVRDIAG
USB Transceiver Diagnostic Register
64
34h
VIRTOUT0
Virtual OUT Interrupt 0
64
35h
VIRTOUT1
Virtual OUT Interrupt 1
65
36h
VIRTIN0
Virtual IN Interrupt 0
65
37h
VIRTIN1
Virtual IN Interrupt 1
65
40h
SETUP0
Setup byte 0
65
41h
SETUP1
Setup byte 1
66
42h
SETUP2
Setup byte 2
66
43h
SETUP3
Setup byte 3
66
44h
SETUP4
Setup byte 4
66
45h
SETUP5
Setup byte 5
66
46h
SETUP6
Setup byte 6
67
47h
SETUP7
Setup byte 7
67
8.2.3 Endpoint Registers
Note: There is a set of endpoint registers for each endpoint. The Page Select field in the PAGESEL register selects
which set of registers is active when the following addresses are accessed.
Address
Register Name
Register Description
Page
05h
EP_DATA
Endpoint Data Register
68
06h
EP_STAT0
Endpoint Status (low byte)
68
07h
EP_STAT1
Endpoint Status (high byte)
69
08h
EP_TRANSFER0
IN endpoint byte count (byte 0)
69
09h
EP_TRANSFER1
IN endpoint byte count (byte 1)
69
0Ah
EP_TRANSFER2
IN endpoint byte count (byte 2)
69
0Bh
EP_IRQENB
Endpoint interrupt enable
70
0Ch
EP_AVAIL0
Buffer space/byte count (byte 0)
70
0Dh
EP_AVAIL1
Buffer space/byte count (byte 1)
70
0Eh
EP_RSPCLR
Endpoint Response Control Clear
71
0Fh
EP_RSPSET
Endpoint Response Control Set
72
28h
EP_MAXPKT0
Endpoint Maximum Packet (low byte)
72
29h
EP_MAXPKT1
Endpoint Maximum Packet (high byte)
72
2Ah
EP_CFG
Endpoint configuration
73
2Bh
EP_HBW
Endpoint high bandwidth
73
2Ch
EP_BUFF_STATES
Endpoint buffer states
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com