Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
13
1.5.1 Example Part Numbers
Part
Manufacturer
Part Number
Website
30 MHz Fundamental
Crystal (Y1)
KDS
AT-49 30.000-16
http://www.kdsj.co.jp/english.html
Ferrite Beads (L1-L2)
Taiyo Yuden
FBMJ2125HS420-T
http://www.t-yuden.com/ferritebeads/index.cfm
1
µH Inductor, 10%, 0805
Pkg (L3-L4)
Taiyo Yuden
LK21251R0K
http://www.t-yuden.com/inductors/index.cfm
2.43K, 1% resistor, 0.1
Watt, 0603 Pkg
(R5)
Panasonic
ERJ6ENF2431V
http://www.panasonic.com/industrial/compone
nts/pdf/002_er13_erj_2r_3r_6r_3e_6e_8e_14_
12_dne.pdf
USB B Connector
Newnex
URB-1001
http://www.newnex.com
Note that the crystal should have a tolerance of +/- 0.005% (50 ppm) to guarantee a data rate of 480 Mbps +/- 500
ppm.
1.5.2
General PCB Layout Guidelines
USB2.0 high-speed 480 Mbits/sec data transfers utilize 400 mV differential signaling. This requires special Printed
Circuit Board layout requirements. Intel provides some USB layout guidelines in the following document:
http://www.usb.org/developers/docs/hs_usb_pdg_r1_0.pdf. In addition, NetChip provides the following guidelines:
The following guidelines must be followed to insure proper operation of the NET2272. It is
strongly suggested that schematics and PCB layout be submitted to support@netchip.com
for review prior to PCB fabrication.
1.5.2.1 USB Differential Signals
Consult with board manufacturer for determining layer separation, trace width, and trace separation for
maintaining differential impedance of 90 ohms.
Maintain equal trace lengths for D+ and D-.
Minimize number of vias and curves on D+ and D- traces.
Use two 45 degree turns instead of one 90 degree turn.
Minimize trace lengths shown in bold in the schematic in section 1.5.
Prevent D+ and D- traces from crossing a power plane void. The same ground layer shall be kept next to
the D+ and D- traces.
Digital Ground (VSS) layer should be placed next to the layer where D+ and D- are routed.
Avoid using studs or test points for observing USB signals.
Maximize the distance of D+ and D- from other signals to prevent crosstalk.
1.5.2.2 Analog VDD (power)
Analog power must be filtered from the digital power using the recommended circuit provided.
Analog VDD and digital VDD must be connected via 1
µH inductor.
Analog VDD must be separated from digital VDD. If analog VDD and digital VDD are in the same layer,
split the layer to accommodate the two power signals.
AVDD and PVDD pins should be connected to analog VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com