Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 75Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 76Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 77Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 78Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 79Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
78
9.1.7 Get Configuration Descriptor
The NET2272 can support a variety of configurations, interfaces, and endpoints, each of which is defined by the
descriptor data returned to the host. The local CPU has the responsibility of providing this data to the NET2272
when the host requests it.
This example has one configuration, and two interfaces. The first interface defines one Bulk OUT endpoint at
address 1 with maximum packet size of 512 and one Interrupt IN endpoint at address 82h (endpoint number = 2)
with a maximum packet size of 8. The second interface defines one Bulk OUT endpoint at address 3 with maximum
packet size of 512.
Note that all interface and endpoint descriptors are returned in response to a Get Configuration Descriptor request,
and for this example, 48 bytes are returned.
Offset
Number of
Bytes
Description
Suggested Value
Configuration Descriptor
0
1
Length
09h
1
1
Type (configuration)
02h
2
2
Total length returned for this configuration
0030h
4
1
Number of Interfaces
02h
5
1
Number of this configuration
01h
6
1
Index of string descriptor describing this configuration
00h
7
1
Attributes
bit 7 = 1
bit 6 = Self-Powered
bit 5 = Remote-Wakeup
bits 4:0 = Reserved
Determined by Local CPU
8
1
Maximum USB power required (in 2 mA units)
Determined by Local CPU
Interface 0 Descriptor
0
1
Size of this descriptor in bytes
09h
1
1
Type (interface)
04h
2
1
Number of this interface
00h
3
1
Alternate Interface
00h
4
1
Number of endpoints used by this interface
(excluding Endpoint 0)
02h
5
1
Class Code
FFh
6
1
Sub Class Code
00h
7
1
Device Protocol
00h
8
1
Index of string descriptor describing this interface
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com