Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
60
8.4.10 (Address 22h; LOCCTL) Local Bus Control Register
Bits
Description
Read
Write
Default
Value
7:6
Buffer Configuration. Buffer configuration for endpoints A and B. For example, if
value 01 is selected, Endpoint A will be allocated a single buffer with buffer size set
to 1024 bytes, while Endpoint B will be allocated a double buffer with each buffer
size set to 512 bytes. Actual packets sent/received can be less than or equal to the
EP_MAXPKT size for the selected endpoint. The EP_MAXPKT size must be less
than or equal to the allocated buffer size.
Value
EP_A
EP_B
00
512 db *
512 db
01
1024
512 db
10
1024
1024
11
1024 db
Disabled
* "db" means double buffered. All values shown in bytes.
Yes
Yes
00
5
Byte Swap. When clear, local data bus LD[15:0] is connected to the endpoint buffer
with no byte swapping. When set, the two bytes of a 16-bit data bus are swapped
before connecting to the endpoint buffer.
Yes
Yes
0
4
DMA Split Bus Mode. When clear, I/O and DMA accesses share the same data bus.
When set, I/O accesses to the configuration registers or buffers use LD[7:0], and
DMA accesses to the buffers use LD[15:8], thus splitting the data bus for CPU and
DMA accesses.
Yes
Yes
0
3:1
Local Clock Output. This field controls the frequency of the LCLKO pin.
Value
Frequency
000
0 (off)
001
3.75 MHz
010
7.5 MHz (default)
011
15 MHz
100
30 MHz
101
60 MHz
110
Reserved
111
Reserved
Yes
Yes
2
0
Data Width. This field controls the width of the local data bus for EP_DATA
accesses to endpoint buffers. Write to this register using the lower 8 bits of the data
bus to switch to 16-bit mode. This bit does not affect accesses to any other registers.
Value
Width
0
8 bits
1
16 bits
Yes
Yes
0
8.4.11 (Address 23h; CHIPREV_LEGACY) Legacy Silicon Revision Register
Bits
Description
Read
Write
Default
Value
7:0
Legacy Chip Revision. This register returns a legacy silicon revision number for use
by Net2270 firmware.
Yes
No
‘h40
Note: The chip revision is encoded as a 2-digit BCD value. The most significant digit is the major revision number,
and the least significant digit is the minor revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com