Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
57
8.4.4 (Address 03h; IRQSTAT1) Interrupt Status Register (high byte)
Bits
Description
Read
Write
Default
Value
7
Reset Status. When set, this bit indicates that either the RESET# pin is asserted, or a
USB root port reset is currently active.
Yes
No
0
6
Root Port Reset Interrupt. This bit indicates a change in state of the root port reset
detector. Writing a 1 clears this status bit.
Yes
Yes/CLR
0
5
Resume Interrupt. When set, this bit indicates that a device resume has occurred.
Writing a 1 clears this status bit.
Yes
Yes/CLR
0
4
Suspend Request Change Interrupt. This bit is set whenever there is a change in
the Suspend Request Interrupt state (bit 3 of this register). Writing a 1 clears this
status bit.
Yes
Yes/CLR
0
3
Suspend Request Interrupt. This bit is set when the NET2272 detects a USB
Suspend request from the host. The Suspend Request state cannot be set or cleared
by writing this bit. Instead, writing a 1 to this bit puts the NET2272 into the low-
power suspend mode (see section 7.1.1).
Yes
Yes/
Suspend
0
2
VBUS Interrupt. When set, this bit indicates that a change occurred on the VBUS
input pin. Read the USBCTL1 register for the current state of this pin. Writing a 1
clears this status bit.
Yes
Yes/CLR
0
1
Control Status Interrupt. This bit is set when an IN or OUT token indicating
Control Status has been received. Writing a 1 clears this status bit.
Yes
Yes/CLR
0
0
Reserved.
0
No
0
8.4.5 (Address 04h; PAGESEL) Endpoint Page Select Register
Bits
Description
Read
Write
Default
Value
7:2
Reserved.
0
No
0
1:0
Page Select. The NET2272 uses a paged architecture for accessing the registers
associated with each endpoint. This field selects which set of endpoint registers can
be accessed.
VALUE
ENDPOINT
00
EP 0
01
EP A
10
EP B
11
EP C
Yes
Yes
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com