Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
20
3
Reset and Initialization
3.1
Overview
The NET2272 normal initialization sequence consists of the following:
Assert/De-Assert RESET# pin
Local CPU initializes USB and local bus configuration registers
3.2
RESET# Pin
The RESET# pin causes all logic in the NET2272 to be set to its default state. It is typically connected to a power-
on reset circuit.
3.3
Root Port Reset
If the NET2272 detects a single-ended zero on the root port for greater than 2.5 microseconds, it is interpreted as a
root port reset. The root port reset is only recognized if the VBUS input pin is high, and the USB Detect Enable bit
in the USBCTL0 register is set. The following resources are reset:
Serial Interface Engine (SIE)
USB state machines
Local state machines
OURADDR Register
Buffer pointers
The root port reset does not affect the remainder of the configuration registers. The Root Port Reset Interrupt bit is
set when a change in the root port reset has been detected. The local CPU should take appropriate action when this
interrupt occurs.
According to the USB Specification, the width of the USB reset is minimally 10ms and may be longer depending on
the upstream host or hub. There is no specified maximum width for the USB reset.
3.4
Reset Summary
The following table shows which device resources are reset when each of the 2 reset sources are asserted.
Device
Resources
Reset Sources
USB, SIE
modules,
OURADDR,
registers
All
Configuration
Registers
Endpoint
Buffer
Pointers
RESET# pin
X
X
X
USB Root Port Reset
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com