Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
15
2
Pin Description
Abbreviation
Description
I
Input
O
Output
I/O
Bi-directional
S
Schmitt Trigger
TS
Tri-State
TP
Totem-Pole
OD
Open-Drain
PD
50K Pull-Down
PU
50K pull-up
#
Active low
NOTE: Input pins that do not have an internal pull-up or pull-down resistor (designated by PU or PD in the ‘Type’
column below) must be driven externally when the NET2272 is in the suspended state.
2.1
Digital Power & Ground (10 pins)
Signal Name
Pin
Type
Description
VDDC
1, 48
Power
Digital Core Supply Voltage. Connect to 2.5V.
VSSC
24, 56
GND
Digital Core Ground. Connect to GND.
VDDIO
27, 42, 55
Power
I/O Interface Supply Voltage. Connect to 3.3V.
VSSIO
33, 41, 54
GND
I/O Interface Ground. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com