Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
16
2.2
USB Transceiver (15 pins)
Signal Name
Pin
Type
Description
DP
6
I/O
High Speed USB Positive Data Port.
DP is the high speed positive differential data signal of the USB data port.
It also acts as the full speed positive differential input data port. This pin
connects directly to the USB connector.
DM
8
I/O
High Speed USB Negative Data Port.
DM is the high speed negative differential data signal of the USB data
port. It also acts as the full speed negative differential input data port.
This pin connects directly to the USB connector.
RSDP
5
O
Full Speed USB Positive Output Data Port.
RSDP is the full speed positive differential output data signal of the USB
data port. This pin connects through a 39.2 ohm +/- 1% resistor to the
USB connector.
RSDM
9
O
Full Speed USB Negative Output Data Port.
RSDM is the full speed negative differential output data signal of the USB
data port. This pin connects through a 39.2 ohm +/- 1% resistor to the
USB connector.
RPU
2
O
DP Pull Up Resistor. Connect to DP pin through a 1.5K resistor.
RREF
13
I
Reference Resistor. Connect 2.43K +/- 1% resistor to analog ground.
The typical voltage on this pin is 1.27 volts.
VDD25
3
Power
Supply Voltage. Connect to digital 2.5 V.
VDD33
7
Power
Supply Voltage. Connect to digital 3.3 V.
PVDD
11
Power
PLL Supply Voltage. Connect to analog 2.5 V.
AVDD
15
Power
Analog Supply Voltage. Connect to analog 2.5 V.
GND
4,10
Ground
Digital Ground. Connect to ground.
AVSS
12, 14
Ground
Analog Ground. Connect to analog ground.
COM (AVSS)
16
Ground
PLL Ground. Connect to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com