Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 82Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 83Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 84Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 85Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 86Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 87Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
84
10 Electrical Specifications
10.1 Absolute Maximum Ratings
Conditions that exceed the Absolute Maximum limits may destroy the device.
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC, VDD25, PVDD,
AVDD
2.5V Supply Voltages
With Respect to Ground
-0.5
3.6
V
VDDIO, VDD33
3.3V Supply Voltages
With Respect to Ground
-0.5
4.6
V
3.3 V buffer
-0.5
4.6
V
VI
DC input voltage
5 V Tolerant buffer
-0.5
6.6
V
3mA Buffer
-10
10
mA
6mA Buffer
-20
20
mA
IOUT
DC Output Current, per pin
12mA Buffer
-40
40
mA
TSTG
Storage Temperature
No bias
-65
150
° C
TAMB
Ambient temperature
Under bias
-40
85
° C
VESD
ESD Rating
R = 1.5K, C = 100pF
2
KV
10.2 Recommended Operating Conditions
Conditions that exceed the Operating limits may cause the device to function incorrectly.
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC, VDD25, PVDD,
AVDD
2.5V Supply Voltages
2.2
2.6
V
VDDIO, VDD33
3.3V Supply Voltages
3.2
3.5
V
VN
Negative trigger voltage
3.3 V buffer
0.8
1.7
V
5 V tolerant buffer
0.8
1.7
V
VP
Positive trigger voltage
3.3 V buffer
1.3
2.4
V
5 V tolerant buffer
1.3
2.4
V
VIL
Low Level Input Voltage
3.3 V buffer
0
0.7
V
5 V tolerant buffer
0
0.8
V
VIH
High Level Input Voltage
3.3 V buffer
0.5* VDDIO
VDDIO
V
5 V tolerant buffer
2.0
5.5
V
3 mA buffer, (VOL = 0.4)
3
mA
6 mA buffer, (VOL = 0.4)
6
mA
IOL
Low Level Output Current
12 mA buffer, (VOL = 0.4)
12
mA
3 mA buffer,(VOH = 2.4)
-3
mA
6 mA buffer,(VOH = 2.4)
-6
mA
IOH
High Level Output Current
12 mA buffer,(VOH = 2.4)
-12
mA
TA
Operating Temperature
0
70
° C
tR
Input rise times
Normal input
0
200
ns
tF
Input fall time
Normal input
0
200
ns
tR
Input rise times
Schmitt input
0
10
ms
tF
Input fall time
Schmitt input
0
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com