Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 69Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
66
8.5.14 (Address 41h; SETUP1) Setup Byte 1
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 1. This register provides byte 1 of the last setup packet received. For a
Standard Device Request, the following bRequest Code information is returned.
Refer to section 9.4 of the USB 2.0 specification.
Code
Description
00h
Get Status
01h
Clear Feature
02h
Reserved
03h
Set Feature
04h
Reserved
05h
Set Address
06h
Get Descriptor
07h
Set Descriptor
08h
Get Configuration
09h
Set Configuration
0Ah
Get Interface
0Bh
Set Interface
0Ch
Synch Frame
Yes
No
0
8.5.15 (Address 42h; SETUP2) Setup Byte 2
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 2. This register provides byte 2 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wValue field is returned.
Refer to section 9.3.3 of the USB 2.0 specification.
Yes
No
0
8.5.16 (Address 43h; SETUP3) Setup Byte 3
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 3. This register provides byte 3 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wValue field is returned.
Refer to section 9.3.3 of the USB 2.0 specification.
Yes
No
0
8.5.17 (Address 44h; SETUP4) Setup Byte 4
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 4. This register provides byte 4 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wIndex field is returned.
Refer to section 9.3.4 of the USB 2.0 specification.
Yes
No
0
8.5.18 (Address 45h; SETUP5) Setup Byte 5
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 5. This register provides byte 5 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wIndex field is returned.
Refer to section 9.3.4 of the USB 2.0 specification.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com