Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 70Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 71Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 72Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 73Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 75Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 76Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 77Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
74
8.6.16 (Address 2Ch: EP_BUFF_STATES) Endpoint Buffer States
Bits
Description
Read
Write
Default
Value
7:4
Reserved.
Yes
No
0
3:2
Buffer B State. This field provides the current state of the endpoint buffer B.
Value
State
00
Buff_Free; buffer is empty, free to assign
01
Buff_Valid; buffer has valid packet, waiting to move to local or USB side
10
Buff_Lcl; buffer is assigned to the local side
11
Buff_Usb; buffer is assigned to the USB side
Yes
No
--
1:0
Buffer A State. This field provides the current state of the endpoint buffer A.
Value
State
00
Buff_Free; buffer is empty, free to assign
01
Buff_Valid; buffer has valid packet, waiting to move to local or USB side
10
Buff_Lcl; buffer is assigned to the local side
11
Buff_Usb; buffer is assigned to the USB side
Yes
No
--
IN packets move: Lcl -> Valid -> Usb -> Free
OUT packets move: Usb -> Valid -> Lcl -> Free
If an endpoint is double-buffered, the buffers are never in the same state. If an endpoint is single-buffered, the
unused (B) buffer is locked to the Buff_Free state.
8.7
Register Changes from Net2270
Add Virtualized Endpoint Interrupt Enable to IRQENB0[4].
Add Virtualized Endpoint Interrupt Status to IRQSTAT0[4].
Add new LOCCTL1 register. Add DMA Mode bit to LOCCTL1[1:0].
Add Virtual Endpoint Enable bit to USBCTL[4].
Add Virtual OUT Interrupt 0 register (VIRTOUT0).
Add Virtual OUT Interrupt 1 register (VIRTOUT1).
Add Virtual IN Interrupt 0 register (VIRTIN0).
Add Virtual IN Interrupt 1 register (VIRTIN1).
Add Local OUT ZLP status bit to EP_STAT1[6].
Add new EP_HBW register.
Add new EP_BUFF_STATES register.
Remove Force Bi-directional to Inputs bit from USBDIAG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com