Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
41
5.6.4.2 Bulk In Endpoints
Bulk IN Endpoints are used to transfer data from the NET2272 local bus to a USB host. A bulk IN transaction from
a Bulk IN Endpoint consists of the following:
Stage
Packet Contents
Number of bytes
Source
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16, or NAK or STALL
N+3
NET2272
Status
ACK
1
Host
The USB host initiates a Bulk IN transaction by sending an IN token to a Bulk IN endpoint. The Data IN Token
Interrupt bit is set when the IN token is recognized. If there is validated data in the endpoint’s buffer, it is returned
to the host. If the endpoint has no data to return, it returns either a zero length packet (signaling that there is no
more data available) or a NAK handshake (the data is not available yet).
Packet Validated
Amount of Data in Buffer
Action
0
< Max Packet Size
NAK to host
X
>= Max Packet Size
Return data to host
1
empty
Zero length packet to host
1
>0
Return data to host
After the packet has been sent to the host, the Data Packet Transmitted Interrupt bit is set.
If a packet is not successfully transmitted (Timeout status bit set), the Data Packet Transmitted Interrupt bit will not
be set, and the same packet is sent to the host when another IN token is received. The retry operation is transparent
to the local CPU.
If the local CPU has stalled this endpoint by setting the Endpoint Halt bit, the NET2272 will respond to the IN token
with a STALL handshake to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com