Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
64
8.5.7 (Address 32h; USBTEST) USB Test Modes
Bits
Description
Read
Write
Default
Value
7:3
Reserved.
Yes
No
0
2:0
Test Mode Select. See sections 7.1.20 and 9.4.9 of the USB 2.0 specification.
Value
Test
000
Normal Operation
001
Test_J
010
Test_K
011
Test_SE0_NAK
100
Test_Packet
101
Test_Force_Enable
110
Reserved
111
Reserved
Yes
Yes
0
8.5.8 (Address 33h; XCVRDIAG) Transceiver Diagnostic Register
Bits
Description
Read
Write
Default
Value
7:6
Linestate.
This field indicates the state of the DM (Linestate[1]) and DP
(Linestate[0]) USB data signals.
[DM,DP]
Description
00
SE0 (Single-ended zero)
01
“J” state (idle)
10
“K” state (resume)
11
SE1 (Single-ended one)
Yes
No
-
5:4
Opmode. This field indicates the operational state of the transceiver.
Value
Description
00
normal operation
01
non-driving
10
disable bit stuffing and NRZI endcoding
11
reserved
Yes
No
--
3
Force High Speed. When this bit is high, the transceiver is forced into high-speed
mode (480 Mbps).
Yes
Yes
0
2
Force Full Speed. When this bit is high, the transceiver is forced into full-speed
mode (12 Mbps).
Yes
Yes
0
1:0
Reserved.
Yes
No
-
8.5.9 (Address 34h; VIRTOUT0) Virtual OUT 0
Bits
Description
Read
Write
Default
Value
7:1
Virtual OUT Interrupts. These bits are set when the Virtual Endpoint Enable bit is
set, and an OUT token is received by a virtual endpoint that is not mapped to a
physical endpoint.
Bit 1 corresponds to OUT Endpoint Number 1, and bit 7
corresponds to OUT Endpoint Number 7. Writing a 1 to a bit clears that bit.
Yes
Yes/Clr
0
0
Reserved.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com