Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 82Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 83Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 84Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 85Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 86Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 87Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 88Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
85
10.3 DC Specifications
10.3.1 Core DC Specifications
Operating Conditions: VDDC: 2.2-2.6V, VDDIO: 3.2-3.5V, TA = 0°C to 70°C
All typical values are at VDDC = 2.5V, VDDIO = 3.3V and TA = 25°C
10.3.1.1 Disconnected from USB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
1.4
1.6
mA
IVDD25
2.5V Supply Current
VDDIO = 2.5V
36.3
40
mA
10.3.1.2 Connected to USB (High-Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
3.3
3.7
mA
IVDD25
2.5V Supply Current
VDDIO = 2.5V
51.6
58
mA
10.3.1.3 Active (High-Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
4
4.4
mA
IVDD225
2.5V Supply Current
VDDIO = 2.5V
52.7
58
mA
10.3.1.4 Connected to USB (Full-Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
2.8
3.1
mA
IVDD25
2.5V Supply Current
VDDIO = 2.5V
35.3
40
mA
10.3.1.5 Active (Full-Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
6
6.6
mA
IVDD25
2.5V Supply Current
VDDIO = 2.5V
35.9
40
mA
10.3.1.6 Suspended
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD33
3.3V Supply Current
VDDC = 3.3V
0.1*
10
uA
IVDD25
2.5V Supply Current
VDDIO = 2.5V
0.1
10
uA
* Disconnected from USB. When connected to USB, 200uA is added for the 1.5K pull-up resistor.
16-bit data bus (LD[15:0]) should not float when suspended to prevent leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com