Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 5Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 6Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 7Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 8Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
9
Serial Interface Engine (SIE):
•
Interface between Packet Buffers and USB transceiver
•
CRC generator and checker
•
Packet Identifier (PID) decoder
•
Forced Error Conditions
•
USB 2.0 Test Modes
USB Protocol Controller
•
Host to Device Communication
•
Automatic retry of failed packets
•
Up to 3 Isochronous, Bulk, or Interrupt physical endpoints, each with a configurable packet buffer
•
Up to 30 virtual endpoints can be mapped to the physical endpoints
•
Configurable Control Endpoint 0
•
Interface to packet buffers
•
Software controlled disconnect signaling allows device enumeration
•
Software control of USB suspend and root port reset detection
•
Software controlled device remote wakeup
•
Software control of root port wakeup
Endpoint Packet Buffers
•
Choice from 4 preset configurations simplify programming
•
Separate 128 byte, packet buffer for physical endpoint 0
•
3 Kbytes of configurable packet buffer memory for physical endpoints A, B, and C
•
Supports Max Packet Size up to 1K bytes, double buffered
Local Bus Interface
•
Provides slave interfaces to 8-bit or 16-bit CPU
•
Provides access to internal Transmit and Receive packet buffers.
•
Supports Split DMA transactions (DMA and CPU on separate data bus)
•
Supports DMA burst mode.
•
Local interface supports both DMA and Interrupt transfers
•
Supports optional multiplexed Address/Data bus using ALE for low pin count applications
•
Supports indirect addressing, allowing access to all registers with only a single address bit
•
Supports 5V tolerant I/O
Configuration Registers
•
Internal registers are accessible from the local bus
•
Main registers for common functions
•
USB Registers for the USB Interface Module
•
Control registers for each endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com