Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 88Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 89Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 90Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 91Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 92Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 93Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 94Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 95Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
92
10.4.5 Local Bus Non-Multiplexed Read
Operating Conditions: VDDC: 2.2-2.6V, VDDIO: 3.2-3.5V, TA = 0°C to 70°C, Output Load = 25pF
NAME
DESCRIPTION
MIN
MAX
UNIT
T4
Address setup to read enable
-1
ns
T5
Address hold from end of read enable
-2
ns
T6
Data access time from LA valid or read enable
asserted (1), whichever is later
18
ns
T7
Data tri-state time from end of read enable
2
11
ns
T8A
Recovery Time to next read (2)
19
ns
T8B
Recovery Time to next write
19
ns
T16
Read Cycle Time
35
ns
(1) Read enable is the occurrence of both CS# and IOR#.
(2) Since reading and writing to EP_DATA cause EP_AVAIL and EP_TRANSFER to change values, it is
necessary to increase the recovery time to 37 nsec between a read or write to EP_DATA and a read from
EP_AVAIL or EP_TRANSFER.
T5
T5
T4
T4
T8A
T16
T6
T7
T6
T7
A0
A1
D0
D1
0ns
25ns
50ns
75ns
100ns
LA[4:0]
CS# & IOR#
LD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com