Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
65
8.5.10 (Address 35h; VIRTOUT1) Virtual OUT 1
Bits
Description
Read
Write
Default
Value
7:0
Virtual OUT Interrupts. These bits are set when the Virtual Endpoint Enable bit is
set, and an OUT token is received by a virtual endpoint that is not mapped to a
physical endpoint.
Bit 0 corresponds to OUT Endpoint Number 8, and bit 7
corresponds to OUT Endpoint Number 15. Writing a 1 to a bit clears that bit.
Yes
Yes/Clr
0
8.5.11 (Address 36h; VIRTIN0) Virtual IN 0
Bits
Description
Read
Write
Default
Value
7:1
Virtual IN Interrupts. These bits are set when the Virtual Endpoint Enable bit is
set, and an IN token is received by a virtual endpoint that is not mapped to a physical
endpoint. Bit 1 corresponds to IN Endpoint Number 1, and bit 7 corresponds to IN
Endpoint Number 7. Writing a 1 to a bit clears that bit.
Yes
Yes/Clr
0
0
Reserved.
Yes
No
0
8.5.12 (Address 37h; VIRTIN1) Virtual IN 1
Bits
Description
Read
Write
Default
Value
7:0
Virtual IN Interrupts. These bits are set when the Virtual Endpoint Enable bit is
set, and an IN token is received by a virtual endpoint that is not mapped to a physical
endpoint. Bit 0 corresponds to IN Endpoint Number 8, and bit 7 corresponds to IN
Endpoint Number 15. Writing a 1 to a bit clears that bit.
Yes
Yes/Clr
0
8.5.13 (Address 40h; SETUP0) Setup Byte 0
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 0. This register provides byte 0 of the last setup packet received. For a
Standard Device Request, the following bmRequestType information is returned.
Refer to section 9.3 of the USB 2.0 specification.
Bit
Description
7
Direction: 0 = host to device; 1 = device to host
6:5
Type: 0 = Standard, 1 = Class, 2 = Vendor, 3 = Reserved
4:0
Recipient: 0 = Device, 1 = Interface, 2 = Endpoint, 3 = Other,
4-31 = Reserved
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com