Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 84Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 85Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 86Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 87Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 88Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 89Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 90Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 91Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
88
10.4 AC Specifications
10.4.1 USB Full Speed Port AC Specifications
Operating Conditions: VDDC: 2.2-2.6V, VDDIO: 3.2-3.5V, TA = 0°C to 70°C
All typical values are at VDDC = 2.5V, VDDIO = 3.3V and TA = 25°C
Symbol
Parameter
Conditions
Waveform
Min
Typ
Max
Unit
TFR
Rise & Fall Times
CL = 50 pF,
Figure 8-1
4
20
ns
TFF
Note 16
4
20
TFRFM
Rise/Fall time matching
(TFR/ TFF), Note
10
Figure 8-1
90
110
%
ZDRV
Driver Output Resistance
Steady State Drive
10
15
TFDRATHS
Full-speed Data Rate
11.994
12
12.006
Mbs
TDJ1
Source Differential Driver Jitter to
Next Transition
Notes 7,8,10,12
Figure 8-2
-2
0
2
ns
TDJ2
Source Differential Driver Jitter
for Paired Transitions
Notes 7,8,10,12
Figure 8-2
-1
0
1
ns
TFDEOP
Source Jitter for Differential
Transition to SE0 Transition
Note 8, 11
Figure 8-3
-2
0
5
ns
TJR1
Receiver Data Jitter Tolerance to
Next Transition
Note 8
Figure 8-4
-18.5
0
18.5
ns
TJR2
Receiver Data Jitter Tolerance for
Paired Transitions
Note 8
Figure 8-4
-9
0
9
ns
TEOPT
Source SE0 interval of EOP
Figure 8-3
160
167
175
ns
TFEOPR
Receiver SE0 interval of EOP
Note 13
Figure 8-3
82
ns
TFST
Width of SE0 interval during
differential transition
14
ns
10.4.2 USB High Speed Port AC Specifications
Operating Conditions: VDDC: 2.2-2.6V, VDDIO: 3.2-3.5V, TA = 0°C to 70°C
All typical values are at VDDC = 2.5V, VDDIO = 3.3V and TA = 25°C
Symbol
Parameter
Conditions
Waveform
Min
Typ
Max
Unit
THSR
Rise & Fall Times
Note 16
500
ps
THSF
500
ZDRV
Driver Output Resistance
Steady State Drive
10
15
THSDRV
High-speed Data Rate
479.760
480
480.240
Mbs
Data source jitter
Specified by eye
pattern templates
Receiver jitter tolerance
Specified by eye
pattern templates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com