Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 89Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 90Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 91Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 92Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 93Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 94Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 95Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 96Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
93
10.4.6 Local Bus Multiplexed Read
Operating Conditions: VDDC: 2.2-2.6V, VDDIO: 3.2-3.5V, TA = 0°C to 70°C, Output Load = 25pF
NAME
DESCRIPTION
MIN
MAX
UNIT
T1
Address setup to falling edge of ALE
5
ns
T2
Address hold from falling edge of ALE
1
ns
T3
ALE Width
5
ns
T19
ALE falling edge to read enable
1
ns
T6
Data access time from read enable (1)
18
ns
T7
Data tri-state time from end of read enable
2
11
ns
T8A
Recovery Time to next read (2)
19
ns
T8B
Recovery Time to next write
19
ns
T9
Recovery Time to next ALE
5
ns
T16
Read Cycle Time
35
ns
(1) Read enable is the occurrence of both CS# and IOR#.
(2) Since reading and writing to EP_DATA cause EP_AVAIL and EP_TRANSFER to change values, it is
necessary to increase the recovery time to 37 nsec between a read or write to EP_DATA and a read from
EP_AVAIL or EP_TRANSFER.
T3
T1
T9
T3
T1
T19
T8A
T16
T19
T2
T6
T7
T2
T6
T7
D0
D1
A0
A1
0ns
25ns
50ns
75ns
ALE
CS# & IOR#
LD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com