Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
61
8.4.12 (Address 24h; LOCCTL1) Local Bus Control Register 1
Bits
Description
Read
Write
Default
Value
7:3
Reserved
Yes
No
0
2
DMA DACK Enable. When clear, the NET2272 does not recognize the DACK
input pin. When set, the DACK input pin is enabled. This bit is automatically set
when the DMA Request Enable bit in the DMAREQ register is set. In split DMA
mode, this bit should not be cleared if there is a possibility that DACK will be
asserted.
Yes
Yes
0
1:0
DMA Mode.
This field determines the behavior of DREQ during DMA
transactions.
Value
Description
00
Slow DREQ. DREQ is de-asserted several clock periods after the start of
a DMA transaction, and is re-asserted several clock periods after the end of
the DMA transactions. This mode is compatible with the Net2270.
01
Fast DREQ. DREQ is de-asserted at the beginning of a DMA transaction,
and is re-asserted soon after the end of the DMA transaction. This mode
provides higher DMA performance.
10
Burst Mode. DREQ is asserted when the DMA Request Enable bit is set
and there is space/data available in the endpoint buffer. DREQ remains
asserted until either the buffer becomes empty/full,
the DMA Request
Enable bit is cleared, EOT is asserted, or EP_TRANSFER counts to 0 for
an IN endpoint.
11
Reserved.
Yes
Yes
0
8.4.13 (Address 25h; CHIPREV_2272) Net2272 Silicon Revision Register
Bits
Description
Read
Write
Default
Value
7:0
Chip Revision. This register returns the Net2272 silicon revision number.
Yes
No
‘h11
Note: The chip revision is encoded as a 2-digit BCD value. The most significant digit is the major revision number,
and the least significant digit is the minor revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com