Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
49
6
Interrupt and Status Register Operation
6.1
Interrupt Status Registers (IRQSTAT0, IRQSTAT1)
Bits 3:0 of the IRQSTAT0 register indicate whether one of the endpoints 0, A-C has an interrupt pending. These
bits cannot be written, and can cause a local interrupt if the corresponding interrupt enable bits are set in the
IRQENB0 register. Bit 7 is automatically set when a start-of-frame (SOF) token is received, and is cleared by
writing a 1. This bit can cause a local interrupt if the corresponding interrupt enable bit is set in the IRQENB0
register. Note that the interrupt bits can be set without the corresponding interrupt enable bit being set. This allows
the local CPU to operate in a polled, as well as an interrupt driven environment.
Bits 6:5 of IRQSTAT0 and bits 7:4 and 2:1 of IRQSTAT1 are set when a particular event occurs in the NET2272,
and are cleared by writing a 1 to the corresponding bit. These bits can cause a local interrupt if the corresponding
interrupt enable bits are set in the IRQENB0 and IRQENB1 registers.
Bit 3 of IRQSTAT1 is set when there is a suspend request from the host, but it typically not enabled to generate an
interrupt. Writing a 1 clears this bit and causes the 2272 to enter the suspend state.
6.2
Endpoint Response Registers (EPRSP_CLR, EPRSP_SET)
Each endpoint has a pair of Endpoint Response Registers. The bits in these registers determine how the NET2272
will respond to various situations during a USB transaction. Writing a 1 to any of the bits in the EP_RSPCLR
register will clear the corresponding bits. Writing a 1 to any of the bits in the EP_RSPSET register will set the
corresponding bits. Reading either of the registers returns the current state of the bits.
6.3
Endpoint Status Register (EP_STAT0, EP_STAT1)
Each endpoint has a pair of Endpoint Status Registers. Each of the bits of these registers is set when a particular
endpoint event occurs, and is cleared by writing a 1 to the corresponding bit. A local interrupt can be generated if
the corresponding interrupt enable bits are set in the EP_IRQENB registers. Reading the EP_STAT registers
returns the current state of the bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com