Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
50
7
Power Management
7.1
Suspend Mode
When there is a three-millisecond period of inactivity on the USB, the USB specification requires a device to enter
into a low-power suspended state. A low power device may not draw more than 500
µA, and a high-power device
may not draw more than 2.5 mA while in this state. This requirement only applies to bus-powered devices. To
facilitate this, the NET2272 provides a Suspend Request Change Interrupt bit and a Suspend Request Interrupt bit.
Additionally, the NET2272 allows local bus hardware to initiate a “device remote wake-up” to the USB.
7.1.1 The Suspend Sequence
The typical sequence of a suspend operation is as follows:
During device configuration, the local CPU enables the Suspend Request Change Interrupt bit to generate a
local interrupt.
When the USB is idle for three milliseconds, the NET2272 sets the Suspend Request Change Interrupt bit,
generating an interrupt to the local CPU. This interrupt can also occur if the NET2272 is not connected to a
host, and the USB data lines are pulled to the idle state (DP high, DM low), or if the VBUS input is low.
The local CPU accepts this interrupt by clearing the Suspend Request Change Interrupt bit, and performs the
tasks required to ensure that no more than 500
µA of current is drawn from the USB power bus.
The local CPU writes a 1 to the Suspend Request Interrupt bit to initiate the suspend.
The LCLKO output continues to operate for 500
µsec before the NET2272 enters the suspend state. This
allows time for a local CPU that uses LCLKO to power down.
A device remote wakeup event will not be recognized during the 500
µsec suspend delay period.
In suspend mode, the NET2272’s oscillator shuts down, and most output pins are tri-stated to conserve power (see
section 3, Pin Description). Note that input pins to the NET2272 should not be allowed to float during suspend
mode. The NET2272 will leave suspend mode by detecting a host initiated wake-up or by a device remote wake-up.
If a device is self-powered, it may ignore the USB suspend request and never write a 1 to the Suspend Request
Interrupt bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com