Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 62Page - ATMEL Corporation AT43USB353M Datasheet HTML 63Page - ATMEL Corporation AT43USB353M Datasheet HTML 64Page - ATMEL Corporation AT43USB353M Datasheet HTML 65Page - ATMEL Corporation AT43USB353M Datasheet HTML 66Page - ATMEL Corporation AT43USB353M Datasheet HTML 67Page - ATMEL Corporation AT43USB353M Datasheet HTML 68Page - ATMEL Corporation AT43USB353M Datasheet HTML 69Page - ATMEL Corporation AT43USB353M Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
66
AT43USB353M
3307B–USB–4/04
Identifies DATA0 or DATA1 packets. This bit will automatically toggle and requires clearing by
the firmware only in certain special circumstances.
• Bit 2 – EPDIR: End-point Direction
0 = Out
1 = In
• Bit 1, 0 – EPTYPE: End-point Type
These bits programs the type of end-point.
Hub End-point 0 Data Register – HDR0
Function End-point 0..3 Data Register – FDR0..3
This register is used to read data from or to write data to the Hub End-point 0 FIFO.
• Bit 7..0 – FDAT7..0: FIFO Data
Hub End-point 1 has a single byte data register instead of a FIFO. This data register contains
the hub and port status change bitmap. This data register is automatically updated by the USB
hardware and is not accessible by the firmware. The bits in this register when read by the host
will be:
• Bit 7...4 – Reserved
These bits are reserved in the AT43USB353M and will read as zero.
• Bit 3 – P3 SC: Port 3 Status Change
• Bit 2 – P2 SC: Port 2 Status Change
• Bit 1 – P1 SC: Port 1 Status Change
• Bit 0 – H SC: Hub Status Change
Bit1
Bit0
Type
0
1
Isochronous
10
Bulk
1
1
Interrupt
Bit
7
654
3
2
1
0
$1FD7
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
HDR0
$1FD5
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR0
$1FD4
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR1
$1FD3
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR2
$1FD2
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
FDR3
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$
–
–
–
–
P3 SC
P2 SC
P1 SC
H SC
HDR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com