Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 37Page - ATMEL Corporation AT43USB353M Datasheet HTML 38Page - ATMEL Corporation AT43USB353M Datasheet HTML 39Page - ATMEL Corporation AT43USB353M Datasheet HTML 40Page - ATMEL Corporation AT43USB353M Datasheet HTML 41Page - ATMEL Corporation AT43USB353M Datasheet HTML 42Page - ATMEL Corporation AT43USB353M Datasheet HTML 43Page - ATMEL Corporation AT43USB353M Datasheet HTML 44Page - ATMEL Corporation AT43USB353M Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
41
AT43USB353M
3307B–USB–4/04
The Stop condition provides a Timer Enable/Disable function. The CK down divided modes
are scaled directly from the 12 MHz input clock.
Timer/Counter1 – TCNT1H and TCNT1L
This 16-bit register contains the prescaled value of the 16-bit Timer/Counter1. To ensure that
both the high and low bytes are read and written simultaneously when the CPU accesses
these registers, the access is performed using an 8-bit temporary register (TEMP). This tem-
porary register is also used when accessing OCR1A, OCR1B and ICR1. If the main program
and also interrupt routines perform access to registers using TEMP, interrupts must be dis-
abled during access from the main program and from interrupt routines if interrupts are
allowed from within interrupt routines.
• TCNT1 Timer/Counter1 Write:
When the CPU writes to the high byte TCNT1H, the written data is placed in the TEMP regis-
ter. Next, when the CPU writes the low byte TCNT1L, this byte of data is combined with the
byte data in the TEMP register, and all 16 bits are written to the TCNT1 Timer/Counter1 regis-
ter simultaneously. Consequently, the high byte TCNT1H must be accessed first for a full 16-
bit register write operation.
• TCNT1 Timer/Counter1 Read:
When the CPU reads the low byte TCNT1L, the data of the low byte TCNT1L is sent to the
CPU and the data of the high byte TCNT1H is placed in the TEMP register. When the CPU
reads the data in the high byte TCNT1H, the CPU receives the data in the TEMP register.
Consequently, the low byte TCNT1L must be accessed first for a full 16-bit register read
operation.
The Timer/Counter1 is realized as an up or up/down (in PWM mode) counter with read and
wri te a ccess . If T i m er/Co un ter1 is w ritte n to a nd a cl ock sou rce i s se le cted , th e
Timer/Counter1 continues counting in the timer clock cycle after it is preset with the written
value.
Bit
15
14
13
12
11
10
9
8
$2D ($4D)
MSB
–
–
–
–
–
–
–
TCNT1H
$2C ($4C)
––
–
–
–
–
–
LSB
TCNT1L
76
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com