Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 22Page - ATMEL Corporation AT43USB353M Datasheet HTML 23Page - ATMEL Corporation AT43USB353M Datasheet HTML 24Page - ATMEL Corporation AT43USB353M Datasheet HTML 25Page - ATMEL Corporation AT43USB353M Datasheet HTML 26Page - ATMEL Corporation AT43USB353M Datasheet HTML 27Page - ATMEL Corporation AT43USB353M Datasheet HTML 28Page - ATMEL Corporation AT43USB353M Datasheet HTML 29Page - ATMEL Corporation AT43USB353M Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
26
AT43USB353M
3307B–USB–4/04
USB Interrupt
Sources
The USB interrupts are described below.
All interrupts have individual enable, status, and mask bits through the interrupt enable regis-
ter and interrupt mask register. The Suspend and Resume interrupts are cleared by writing a 0
to the particular interrupt bit. All other interrupts are cleared when the microcontroller sets a bit
in an interrupt acknowledge register.
USB End-point
Interrupt Sources
An assertion or activation of one or more bits in the end-point's Control and Status Register
triggers the end-point interrupts. These triggers are different for control and non-control end-
points as described in Table 12. Please refer to the Control and Status Register for more
information.
Table 11. USB Interrupt Sources
Interrupt
Description
SOF Received
Whenever USB hardware decodes a valid Start of Frame. The frame
number is stored in the two Frame Number Registers.
EOF2
Activated whenever the hub's frame timer reaches its EOF2 time point.
Function EP0 Interrupt
See “Control Transfers at Control End-point EP0” on page 58 for details.
Function EP1 Interrupt
For an OUT end-point it indicates that Function End-point 1 has received
a valid OUT packet and that the data is in the FIFO. For an IN end-point it
means that the end-point has received an IN token, sent out the data in
the FIFO and received an ACK from the Host. The FIFO is now ready to
be written by new data from the microcontroller.
Function EP2 Interrupt
For an OUT end-point it indicates that Function End-point 2 has received
a valid OUT packet and that the data is in the FIFO. For an IN end-point it
means that the end-point has received an IN token, sent out the data in
the FIFO and received an ACK from the Host. The FIFO is now ready to
be written by new data from the microcontroller.
Function EP3 Interrupt
For an OUT end-point it indicates that Function End-point 3 has received
a valid OUT packet and that the data is in the FIFO. For an IN end-point it
means that the end-point has received an IN token, sent out the data in
the FIFO and received an ACK from the Host. The FIFO is now ready to
be written by new data from the microcontroller.
Hub EP0 Interrupt
See “Control Transfers at Control End-point EP0” on page 58 for details.
FRWUP
USB hardware has received a embedded function remote wakeup
request.
GLB SUSP
USB hardware has received global suspend signaling and is preparing to
put the hub in the suspend mode. The microcontroller's firmware should
place the embedded function in the suspend state.
RSM
USB hardware received resume signaling and is propagating the resume
signaling. The microcontroller's firmware should take the embedded
function out of the suspended state.
BUS RESET
USB hardware received a USB bus reset. This applies only in cases
where a separation between USB bus reset and microcontroller reset is
required. Be very careful when using this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com