Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB353M Datasheet HTML 1Page - ATMEL Corporation AT43USB353M Datasheet HTML 2Page - ATMEL Corporation AT43USB353M Datasheet HTML 3Page - ATMEL Corporation AT43USB353M Datasheet HTML 4Page - ATMEL Corporation AT43USB353M Datasheet HTML 5Page - ATMEL Corporation AT43USB353M Datasheet HTML 6Page - ATMEL Corporation AT43USB353M Datasheet HTML 7Page - ATMEL Corporation AT43USB353M Datasheet HTML 8Page - ATMEL Corporation AT43USB353M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
4
AT43USB353M
3307B–USB–4/04
Figure 2. The AT43USB353M Enhanced RISC Architecture
Architectural
Overview
The AT43USB353M is binary compatible with the AT43USB355. Firmware development for
the AT43USB355 will run on the AT43USB353M as long as only features common to both
chips are used. Refer to Table 3 on page 8 for the differences between these two devices.
The peripherals and features of the AT43USB353M microcontroller are similar to those of the
AT90S8515, with the exception of the following modifications:
•
Masked ROM for program memory
•
No EEPROM
•
No external data memory accesses
•No SPI
•No UART
•
Idle mode not supported
•
USB Hub with attached function
•On-chip ADC
Interrupt
Unit
8-bit
Timer/Counter
16-bit
Timer/Counter
Watchdog
Timer
SPI Unit
ADC
Status and
Control
Program
Counter
12K x 16
Program
Memory
Instruction
Register
Instruction
Decoder
Control
Lines
32 x 8
General-purpose
Registers
ALU
1024 x 8
SRAM
15 GPIO
Lines
USB
Hub and
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com