Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 51Page - ATMEL Corporation AT43USB353M Datasheet HTML 52Page - ATMEL Corporation AT43USB353M Datasheet HTML 53Page - ATMEL Corporation AT43USB353M Datasheet HTML 54Page - ATMEL Corporation AT43USB353M Datasheet HTML 55Page - ATMEL Corporation AT43USB353M Datasheet HTML 56Page - ATMEL Corporation AT43USB353M Datasheet HTML 57Page - ATMEL Corporation AT43USB353M Datasheet HTML 58Page - ATMEL Corporation AT43USB353M Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
55
AT43USB353M
3307B–USB–4/04
Port A Input Pins Address – PINA
The Port A Input Pins address (PINA) is not a register, and this address enables access to the
physical value on each Port A pin. When reading PORTA the Port A Data Latch is read, and
when reading PINA, the logical values present on the pins are read.
PortA as General
Digital I/O
All 8 pins in Port A have equal functionality when used as digital I/O pins.
PAn, General I/O Pin: The DDAn bit in the DDRA register selects the direction of this pin, if
DDAn is set (one), PAn is configured as an output pin. If DDAn is cleared (zero), PAn is config-
ured as an input pin. If PORTAn is set (one) when the pin is configured as an input pin, the
MOS pull-up resistor is activated. To switch the pull-up resistor off, the PORTAn has to be
cleared (zero) or the pin has to configured as an output pin. The Port A pins are tri-stated
when a reset condition becomes active, even if the clock is not active.
Note:
n: 7,6...0, pin number.
Port D
Port D is a 7-bit bi-directional I/O port. Its output buffers can sink or source 2 mA.
Three I/O memory address locations are allocated for the Port D, one each for the Data Regis-
ter - PORTD, $12($32), Data Direction Register (DDRD), $11($31) and the Port D Input Pins
(PIND), $10($30). The Port D Input Pins address is read only, while the Data Register and the
Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. When pins PD0 to PD7 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resistors are
activated
Some Port D pins have alternate functions as shown in Table 25.
When the pins are used for the alternate function the DDRD and PORTD register has to be set
according to the alternate function description.
Bit
7
654
3
2
1
0
$19 ($39)
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
PINA
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 24. DDAn Effects on Port A Pins
DDAn
PORTAn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
PAn will source current if ext. pulled low.
1
0
Output
Push-Pull Zero Output
1
1
Output
Push-Pull One Output
Table 25. Port D Alternate Functions
Port Pin
Alternate Function
PD2
INT0, External Interrupt 0
PD3
INT1, External Interrupt 1
PD4
ICP, Timer/Counter, Input Capture
PD5
OC1A Timer/Counter1 Output Compare A
PD6
OC1B Timer/Counter1 Output Compare B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com