Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 87Page - ATMEL Corporation AT43USB353M Datasheet HTML 88Page - ATMEL Corporation AT43USB353M Datasheet HTML 89Page - ATMEL Corporation AT43USB353M Datasheet HTML 90Page - ATMEL Corporation AT43USB353M Datasheet HTML 91Page - ATMEL Corporation AT43USB353M Datasheet HTML 92Page - ATMEL Corporation AT43USB353M Datasheet HTML 93Page - ATMEL Corporation AT43USB353M Datasheet HTML 94Page - ATMEL Corporation AT43USB353M Datasheet HTML 95Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 95 page
background image
91
AT43USB353M
3307B–USB–4/04
Figure 26. Hub Differential Delay, Differential Jitter and SOP Distortion
Figure 27. Hub EOP Delay and EOP Skew
Differential
Data Lines
Hub Delay
Downstream
T
HDD1
Crossover
Point
Downstream
Port
Crossover
Point
Hub Delay
Upstream
T
HDD2
Upstream
Port
Crossover
Point
Upstream
End of
Cable
V
SS
V
SS
V
SS
V
SS
50% Point of
Initial Swing
A. Downstream Hub Delay With Cable
B. Upstream Hub Delay Without Cable
Crossover
Point
Hub Delay
Upstream
T
HDD1,
T
HDD2
Crossover
Point
Downstream
Port
Upstream
Port or End of
Cable
V
SS
V
SS
C. Upstream Hub Delay with or without Cable
C. Upstream EOP Delay with or without Cable
V
SS
A. Upstream EOP Delay with Cable
B. Downstream EOP Delay without Cable
TEOP
TEOP+
Crossover
Point
Extended
Crossover
Point
Extended
Crossover
Point
Extended
Crossover
Point
Extended
Downstream
Port
Upstream
Port
TEOP-
TEOP+
V
SS
50% Point of
Initial Swing
Downstream
Port
Upstream
End of
Cable
V
SS
TEOP-
TEOP+
V
SS
Downstream
Port
Upstream
Port or End of
Cable
V
SS
V
SS
Ordering Information
Program Memory
Ordering Code
Package
Operation Range
Mask ROM
AT43USB353M-AC
48 LQFP
Commercial
(0
°C to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com