Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 65Page - ATMEL Corporation AT43USB353M Datasheet HTML 66Page - ATMEL Corporation AT43USB353M Datasheet HTML 67Page - ATMEL Corporation AT43USB353M Datasheet HTML 68Page - ATMEL Corporation AT43USB353M Datasheet HTML 69Page - ATMEL Corporation AT43USB353M Datasheet HTML 70Page - ATMEL Corporation AT43USB353M Datasheet HTML 71Page - ATMEL Corporation AT43USB353M Datasheet HTML 72Page - ATMEL Corporation AT43USB353M Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
69
AT43USB353M
3307B–USB–4/04
Hub End-point 0 Control and Acknowledge Register – HCAR0
Function End-point 0 Control and Acknowledge Register – FCAR0
•Bit 7
– DIR: Control transfer direction
It is set by the microcontroller firmware to indicate the direction of a control transfer to the USB
hardware. The FW writes to this bit location after it receives an RX SETUP interrupt. The hard-
ware uses this bit to determine the status phase of a control transfer.
0 = control write or no data stage
1 = control read
•Bit 6
– DATA END
When set to 1 by firmware, this bit indicate that the microcontroller has either placed the last
DATA packet in FIFO, or that the microcontroller has processed the last DATA packet it
expects from the Host. This bit is used by control end-points only together with bit 4 (TX
Packet Ready) to signal the USB hardware to go to the STATUS phase after the packet cur-
rently residing in the FIFO is transmitted. After the hardware completes the STATUS phase it
will interrupt the microcontroller without clearing this bit.
•Bit 5
– FORCE STALL
This bit is set by the microcontroller to indicate a stalled end-point. The hardware will send a
STALL handshake as a response to the next IN or OUT token, or whenever there is a control
transfer without a Data Stage.
The microcontroller sets this bit if it wants to force a STALL. A STALL is sent if any of the fol-
lowing condition is encountered:
1.
An unsupported request is received.
2.
The host continues to ask for data after the data is exhausted.
3.
The control transfer has no data stage.
•Bit 4
– TX PACKET READY: Transmit Packet Ready
When set by the firmware, this bit indicates that the microcontroller has loaded the FIFO with a
packet of data. This bit is cleared by the hardware after the USB Host acknowledges the
packet. For ISO end-points, this bit is cleared unconditionally after the data is sent.
This bit is used for the following operations:
1.
Control read transactions by a control end-point.
2.
IN transactions with DATA1 PID to complete the status phase for a control end-point,
when this bit is zero but Data End set high (bit 4).
3.
By a BULK IN or ISO IN or INT IN end-point.
The microcontroller should write into the FIFO only if this bit is cleared. After it has completed
writing the data, it should set this bit. This data can be of zero length.
Bit
7
6
5
4
3
2
1
0
Hub EP0
$1FA7
DIR
DATA
END
FORCE
STALL
TX
PACKET
READY
STALL_
SENT_
ACK
RX_
SETUP_
ACK
RX_OUT_
PACKET_
ACK
TX_
COMPLETE_
ACK
HCAR0
Function
EP0 $1FDD
DIR
DATA
END
FORCE
STALL
TX
PACKET
READY
STALL_
SENT_
ACK
RX_
SETUP_
ACK
RX_OUT_
PACKET_
ACK
TX_
COMPLETE_
ACK
FCAR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com