Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 74Page - ATMEL Corporation AT43USB353M Datasheet HTML 75Page - ATMEL Corporation AT43USB353M Datasheet HTML 76Page - ATMEL Corporation AT43USB353M Datasheet HTML 77Page - ATMEL Corporation AT43USB353M Datasheet HTML 78Page - ATMEL Corporation AT43USB353M Datasheet HTML 79Page - ATMEL Corporation AT43USB353M Datasheet HTML 80Page - ATMEL Corporation AT43USB353M Datasheet HTML 81Page - ATMEL Corporation AT43USB353M Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
78
AT43USB353M
3307B–USB–4/04
• Bit 0 – PCSTAT: Port Connect Status
0 = No device on this port
1 = Device present on this port
Set to 1 for Port 1. Set and cleared by the hardware after sampling of connect status at EOF2.
Overcurrent Detect Register – UOVCER
Bits 3, 2 in this register enable overcurrent detection while the hub is in the suspend state.
• Bit 7..4
– Reserved
These bits are reserved in the AT43USB353M and will read as zero.
•Bit 3
– OVC3
Setting this bit enables the hub to detect an overcurrent on a port while the hub is in the sus-
pend state. The overcurrent condition is signaled by a 1 to 0 transition at PD1.
•Bit 2
– OVC2
Setting this bit enables the hub to detect an overcurrent on a port while the hub is in the sus-
pend state. The overcurrent condition is signaled by a 1 to 0 transition at PD0.
• Bit 1..0
– Reserved
These bits are reserved in the AT43USB353M and will read as zero.
Hub Port State Register – HPSTAT2, 3
These registers contain the state of the ports’ DP and DM pins, which will be sent to the host
upon receipt of a GetBusState request.
• Bit 7..2
– Reserved
These bits are reserved in the AT43USB353M and will read as zero.
•Bit 1
– DPSTATE: DPlus State
Value of DP at last EOF. Set and cleared by hardware at EOF2.
Set to 1 for Port 1.
•Bit 0
– DMSTATE: DMinus State
Value of DM at last EOF. Set and cleared by hardware at EOF2.
Set to 0 for Port 1.
Bit
7
6
543
2
1
0
$1FF2
–
–
–
–
OVC3
OVC2
–
–
UOVCER
Read/Write
R
R
R
R
R/W
R/W
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
Port2 $1FA9
–
–
–
–
–
–
DPSTATE
DMSTATE
PSTATE2
Port3 $1FAA
–
–
–
–
–
–
DPSTATE
DMSTATE
PSTATE3
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com