Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 75Page - ATMEL Corporation AT43USB353M Datasheet HTML 76Page - ATMEL Corporation AT43USB353M Datasheet HTML 77Page - ATMEL Corporation AT43USB353M Datasheet HTML 78Page - ATMEL Corporation AT43USB353M Datasheet HTML 79Page - ATMEL Corporation AT43USB353M Datasheet HTML 80Page - ATMEL Corporation AT43USB353M Datasheet HTML 81Page - ATMEL Corporation AT43USB353M Datasheet HTML 82Page - ATMEL Corporation AT43USB353M Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
79
AT43USB353M
3307B–USB–4/04
Hub Port Status Change Register – PSCR1..3
The microcontroller firmware uses the bits in this register to monitor when a port status change
has occurred, which then gets reported to the host through the Port Change Field
wPortChange.
Except for bit 3, the Port Overcurrent Indicator Change, the bits in this register are set by the
USB hardware. Otherwise, the firmware should only clear these bits.
• Bit 7..5 – Reserved
These bits are reserved in the AT43USB353M and will read as zero.
• Bit 4 – RSTSC: Port Reset Status Change
0 = No change
1 = Reset complete
This bit is set by the USB hardware after it completes RESET signaling which is initiated when
the Reset and Enable Port command is detected at the Port Control Register, HPCON. The
firmware sends this command when it decodes a SetPortFeature(PORT_RESET) request
from the host.
At EOF2 after the hardware completes the port reset, the hardware sets the Port Enable Sta-
tus bit and clears the Port Reset Status bit of the Hub Port Status Register, HPSTAT. Cleared
by firmware, ClearPortFeature(PORT_RESET).
• Bit 3 – POCIC: Port Overcurrent Indicator Change
0 = No change has occurred on Overcurrent Indicator
1 = Overcurrent Indicator has changed
This bit is relevant to hubs with individual overcurrent reporting only. The firmware sets this bit
as a result of detecting overcurrent at the ports OVC# pin. The firmware clears bit through
ClearPortFeature(PORT_OVER_CURRENT). For Port 1, this bit is always cleared.
• Bit 2 – PSSC: Port Suspend Status Change
0 = No change
1 = Resume completed
Port 2, 3 set by hardware upon completion of firmware initiated resume process. Port 1 set by
firmware 20 ms after the next EOF2 after completion of resume process. RESUME signaling is
initiated through global resume, selective resume and remote wakeup. Cleared by firmware
via host request ClearPortFeature(PORT_SUSPEND).
• Bit 1 – PESC: Port Enable/Disable Status Change
0 = No change has occurred on Port Enable/Disable Status
1 = Port Enable/Disable status has changed
Bit
7
6
543
2
1
0
Port1 $1FB0
–
–
–
RSTSC
POCIC
PSSC
PESC
PCSC
PSCR1
Port2 $1FB1
–
–
–
RSTSC
POCIC
PSSC
PESC
PCSC
PSCR2
Port3 $1FB2
–
–
–
RSTSC
POCIC
PSSC
PESC
PCSC
PSCR3
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com