Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 79Page - ATMEL Corporation AT43USB353M Datasheet HTML 80Page - ATMEL Corporation AT43USB353M Datasheet HTML 81Page - ATMEL Corporation AT43USB353M Datasheet HTML 82Page - ATMEL Corporation AT43USB353M Datasheet HTML 83Page - ATMEL Corporation AT43USB353M Datasheet HTML 84Page - ATMEL Corporation AT43USB353M Datasheet HTML 85Page - ATMEL Corporation AT43USB353M Datasheet HTML 86Page - ATMEL Corporation AT43USB353M Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
83
AT43USB353M
3307B–USB–4/04
Global Resume
The Host resumes signaling, the hardware detects this as global resume and propagates this
signaling to all downstream ports. Finally, the hardware enables the oscillator and asserts the
RSM interrupt.
Remote Wake-up,
Downstream Ports
The hardware detects a connect/disconnect/port resume and propagates resume signaling
upstream. Finally, the hardware enables the oscillator and asserts the RSM interrupt.
Remote Wake-up,
Embedded Function
The hardware detects an INT0/INT1 and propagates resume signaling upstream. Finally, the
hardware enables the oscillator and asserts the RSM and FRWUP interrupts.
Hardware
Firmware
1.Host resumes signaling
2.
Resume signaling detected
3.
Propagate signaling downstream
4.
Enable oscillator
5.
Set RSM bit
→ interrupt
6.
Reset RSM and GBL SUSP bits
7.
Restore GPIO states if required
8.
Clear UOVCER bit 2
9.
Enable peripheral activity
Hardware
Firmware
1.
Connect/disconnect/port resume
detected
2.
Propagate resume signaling
3.
Enable Oscillator
4.
Set RSM bit
→ interrupt
5.
Reset RSM and GBL SUSP bits
6.
Restore GPIO states if required
7.
Clear UOVCER bit 2
8.
Enable peripheral activity
Hardware
Firmware
1.External event activates INT0/INT1
2.
Propagate resume signaling
3.
Enable Oscillator
4.
Set RSM and FRMWUP bits
→
interrupt
5.
Clear GLB SUSP, RSM, FRMWUP bits
6.
Restore GPIO states if required
7.
Clear UOVCER bit 2
8.
Enable peripheral activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com