Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 34Page - ATMEL Corporation AT43USB353M Datasheet HTML 35Page - ATMEL Corporation AT43USB353M Datasheet HTML 36Page - ATMEL Corporation AT43USB353M Datasheet HTML 37Page - ATMEL Corporation AT43USB353M Datasheet HTML 38Page - ATMEL Corporation AT43USB353M Datasheet HTML 39Page - ATMEL Corporation AT43USB353M Datasheet HTML 40Page - ATMEL Corporation AT43USB353M Datasheet HTML 41Page - ATMEL Corporation AT43USB353M Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
38
AT43USB353M
3307B–USB–4/04
16-bit
Timer/Counter1
Operation
The 16-bit Timer/Counter1 clock source is prescaled from CK, 12 MHz. In addition, it can be
stopped as described in the specification for the Timer/Counter1 Control Registers (TCCR1A
and TCCR1B). The different status flags (overflow, compare match and capture event) are
found in the Timer/Counter Interrupt Flag Register (TIFR). Control signals are found in the
Timer/Counter1 Control Registers (TCCR1A and TCCR1B). The interrupt enable/disable set-
tings for Timer/Counter1 are found in the Timer/Counter Interrupt Mask Register (TIMSK).
The 16-bit Timer/Counter1 features both a high resolution and a high accuracy usage with the
lower prescaling opportunities. Similarly, the high prescaling opportunities makes the
Timer/Counter1 useful for lower speed functions or exact timing functions with infrequent
actions.
The Timer/Counter1 supports two Output Compare functions using the Output Compare Reg-
iste r 1 A and B (O CR1A and OCR1 B) as th e d ata sources to b e com pa re d to the
Timer/Counter1 contents. The Output Compare functions include optional clearing of the
counter on compareA match, and actions on the Output Compare pins on both compare
matches.
Timer/Counter1 can also be used as a 8-, 9- or 10-bit Pulse With Modulator. In this mode the
counter and the OCR1A/OCR1B registers serve as a dual glitch-free stand-alone PWM with
centered pulses.
The Input Capture function of Timer/Counter1 provides a capture of the Timer/Counter1 con-
tents to the Input Capture Register - ICR1, triggered by an external event on the Input Capture
Pin (ICP/PF3). The actual capture event settings are defined by the Timer/Counter1 Control
Register (TCCR1B). The AT43USB353M has no comparator and the mux control signal, ACO,
is permanently set so that the ICP input is routed to the noise canceler. In the AT43USB353M,
the ICP function is shared with port D pin, PD4.
If the noise canceler function is enabled, the actual trigger condition for the capture event is
monitored over 4 samples, and all 4 must be equal to activate the capture flag.
Figure 12. ICP Pin Schematic Diagram
ICP
0
1
NOISE CANCELER
EDGE SELECT
ICNC1
ICES1
ICF1
ACIC
ACO
ACIC: COMPARATOR IC ENABLE
ACC0: COMPARATOR OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com