Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 15Page - ATMEL Corporation AT43USB353M Datasheet HTML 16Page - ATMEL Corporation AT43USB353M Datasheet HTML 17Page - ATMEL Corporation AT43USB353M Datasheet HTML 18Page - ATMEL Corporation AT43USB353M Datasheet HTML 19Page - ATMEL Corporation AT43USB353M Datasheet HTML 20Page - ATMEL Corporation AT43USB353M Datasheet HTML 21Page - ATMEL Corporation AT43USB353M Datasheet HTML 22Page - ATMEL Corporation AT43USB353M Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
19
AT43USB353M
3307B–USB–4/04
address $000 must be a JMP instruction to the reset handling routine. If the program never
enables an interrupt source, the interrupt vectors are not used, and regular program code can
be placed at these locations. The circuit diagram in Figure 6 shows the reset logic.
Figure 6. Reset Logic
Power-on Reset
A Power-on Reset (POR) circuit ensures that the device is reset from power-on. An internal
timer clocked from the Watchdog timer oscillator prevents the MCU from starting until after a
certain period after V
CC has reached the power-on threshold voltage, regardless of the VCC
rise time.
If the build-in start-up delay is sufficient, RESETN can be connected to V
CC directly or via an
external pull-up resistor. By holding the pin low for a period after V
CC has been applied, the
Power-on Reset period can be extended.
External Reset
An external reset is generated by a low-level on the RESETN pin. Reset pulses longer than
200 ns will generate a reset. Shorter pulses are not guaranteed to generate a reset. When the
applied signal reaches the Reset Threshold Voltage - V
RST on its positive edge, the delay timer
starts the MCU after the Time-out period t
TOUT has expired.
Figure 7. External Reset During Operation
FSTRT
Cntr Reset
USB Reset
OR
POR Ckt
Reset Ckt
Watchdog Timer
Divider
14-bit Cntr
VCC
RSTN
1 MHz Clock
S
R
ON
tTOUT
VRST
VCC
RESET
TIME-OUT
INTERNAL
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com