Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 86Page - ATMEL Corporation AT43USB353M Datasheet HTML 87Page - ATMEL Corporation AT43USB353M Datasheet HTML 88Page - ATMEL Corporation AT43USB353M Datasheet HTML 89Page - ATMEL Corporation AT43USB353M Datasheet HTML 90Page - ATMEL Corporation AT43USB353M Datasheet HTML 91Page - ATMEL Corporation AT43USB353M Datasheet HTML 92Page - ATMEL Corporation AT43USB353M Datasheet HTML 93Page - ATMEL Corporation AT43USB353M Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
90
AT43USB353M
3307B–USB–4/04
Table 35. Hub Timings, Full-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
THDD2
Hub Differential Data Delay without cable
44
ns
THDJ1
THDJ2
Hub Diff Driver Jitter
To Next Transition
For Paired Transitions
-3
-1
3
1
ns
TFSOP
Data Bit Width Distortion after SOP
-5
5
ns
TFEOPD
Hub EOP Delay Relative to THDD
0
15
ns
TFHESK
Hub EOP Output Width Skew
-15
15
ns
Table 36. Hub Timings, Low-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TLHDD
Hub Differential Data Delay
300
ns
TLHDJ1
TLHDJ2
TLUHJ1
TLUHJ2
Downstr Hub Diff Driver Jitter to Next Transition, Downst
for Paired Transitions,
Downst to Next Transition,
Upstr for Paired Transitions,
Upstr
-45
-15
-45
-45
45
15
45
45
ns
TSOP
Data Bit Width Distortion after SOP
-60
60
ns
TLEOPD
Hub EOP Delay Relative to THDD
0
200
ns
TLHESK
Hub EOP Output Width Skew
-300
300
ns
Table 37. Hub Event Timings
Symbol
Parameter
Condition
Min
Max
Unit
TDCNN
Time to detect a downstream port connect event
2.5
2000
µs
TDDIS
Time to detect a disconnect event on downstream port
Awake Hub
Suspended Hub
2.5
2.5
2000
12000
µs
TURSM
Time from detecting downstream resume to rebroadcast
100
µs
TDRST
Duration of driving reset to a downstream device
Only for a SetPortFeature
(PORT_RESET) request
10
20
µs
TDSPDEV
Time to evaluate device speed after reset
2.5
1000
µs
TURLK
Time to detect a long K from upstream
2.5
5.5
µs
TURLSEO
Time to detect a long SEO from upstream
2.5
5.5
µs
TURPSEO
Duration of repeating SEO upstream
23
FS
bits
TUDEOP
Duration of sending SEO upstream after EOF1
2
FS
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com