Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 82Page - ATMEL Corporation AT43USB353M Datasheet HTML 83Page - ATMEL Corporation AT43USB353M Datasheet HTML 84Page - ATMEL Corporation AT43USB353M Datasheet HTML 85Page - ATMEL Corporation AT43USB353M Datasheet HTML 86Page - ATMEL Corporation AT43USB353M Datasheet HTML 87Page - ATMEL Corporation AT43USB353M Datasheet HTML 88Page - ATMEL Corporation AT43USB353M Datasheet HTML 89Page - ATMEL Corporation AT43USB353M Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
86
AT43USB353M
3307B–USB–4/04
Note:
VCEXT is the voltage of CEXT1, CEXT2 and CEXTA.
Note:
XTAL2 must not be used to drive other circuitry.
Note:
1. With external 27
Ω series resistor.
Table 30. PA and PD
Symbol
Parameter
Condition
Min
Max
Unit
VOL2
Output Low Level, PA and PD
IOL = 2 mA
0.5
V
VOH2
Output High Level
IOH = 2mA
VCEXT - 0.4
V
VIL2
Input Low Level
-0.3
0.3 VCEXT
V
VIH2
Input High Level
0.7 VCEXT
VCEXT + 0.3
V
RPU
PC Pull-up resistor current
V = 0
90
280
µA
C
Input/Output capacitance
1 MHz
10
pF
Table 31. Oscillator Signals: XTAL1, XTAL2
Symbol
Parameter
Condition
Min
Max
Unit
VLH
OSC1 switching level
0.47
1.20
V
V
HL
OSC1 switching level
0.67
1.44
V
CX1
Input capacitance, XTAL1
10
pF
CX2
Output capacitance, XTAL2
10
pF
C12
OSC1/2 capacitance
5
pF
tSU
Start-up time
6 MHz, fundamental
2
ms
DL
Drive level
50
µW
Table 32. USB Driver Characteristics, Full Speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TR
Rise time
CL = 50 pF
4
20
ns
TF
Fall time
CL = 50 pF
4
20
ns
TRFM
TR/TF matching
90
110
%
ZDRV
Driver output resistance
(1)
Steady state drive
28
44
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com