Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 26Page - ATMEL Corporation AT43USB353M Datasheet HTML 27Page - ATMEL Corporation AT43USB353M Datasheet HTML 28Page - ATMEL Corporation AT43USB353M Datasheet HTML 29Page - ATMEL Corporation AT43USB353M Datasheet HTML 30Page - ATMEL Corporation AT43USB353M Datasheet HTML 31Page - ATMEL Corporation AT43USB353M Datasheet HTML 32Page - ATMEL Corporation AT43USB353M Datasheet HTML 33Page - ATMEL Corporation AT43USB353M Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
30
AT43USB353M
3307B–USB–4/04
USB Interrupt Enable Register – UIER
• Bit 7 – SOF IE: Enable Start of Frame Interrupt
When the SOF IE bit is set (1), the Start of Frame Interrupt is enabled.
• Bit 6 – EOF2 IE: Enable EOF2 Interrupt
When the EOF2 IE bit is set (1), the EOF2 Interrupt is enabled.
• Bit 5 – Res: Reserved bit
This bit is reserved and always read as zero.
• Bit 4 – FEP3 IE: Enable Function End-point 3 Interrupt
When the FE3 IE bit is set (1), the Function End-point 3 Interrupt is enabled.
• Bit 3 – HEP0 IE: Enable End-point 0 Interrupt
When the HEP0 IE bit is set (1), the Hub End-point 0 Interrupt is enabled.
• Bit 2 – FEP2 IE: Enable End-point 2 Interrupt
When the FE2 IE bit is set (1), the Function End-point 2 Interrupt is enabled.
• Bit 1 – FEP1 IE: Enable End-point 1 Interrupt
When the FE1 IE bit is set (1), the Function End-point 1 Interrupt is enabled.
• Bit 0 – FEP0 IE: Enable End-point 0 Interrupt
When the FE0 IE bit is set (1), the Function End-point 0 Interrupt is enabled.
Suspend/Resume Register – SPRSR
• Bit 7..4 – Res: Reserved Bits
These bits are reserved and are always read as zeros.
• Bit 3 – BUS INT: USB Bus Interrupt
When the USB reset separation feature is enabled (SPRSIE and SPRSMSK bits 3 are set to
1) the BUS INT bit is set when USB bus reset is detected by the USB hardware.
• Bit 2 – FRWUP: Function Remote Wakeup
The USB hardware sets this bit to signal that External Interrupt 1 is detected indicating remote
wakeup. An interrupt is generated if the FRWUP IE bit of the SPRSIE register is set.
• Bit 1 – RSM: Resume
The USB hardware sets this bit when a USB resume signaling is detected at any of its port
except Port 1. An interrupt is generated if the RSM IE bit of the SPRSIE register is set.
• Bit 0 – GLB SUSP: Global Suspend
The USB hardware sets this bit when a USB global suspend signaling is detected. An interrupt
is generated if the GLBSUSP IE bit of the SPRSIE register is set.
Bit
7
654
3
2
1
0
$1FF3
SOF IE
EOF2 IE
–
FEP3 IE
HEP0 IE
FEP2 IE
FEP1 IE
FEP0 IE
UIER
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
$1FFA
–
–
–
–
BUS INT
FRWUP
RSM
GLB SUSP
SPRSR
Read/Write
R
R
R
R
R/W
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com