Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 45Page - ATMEL Corporation AT43USB353M Datasheet HTML 46Page - ATMEL Corporation AT43USB353M Datasheet HTML 47Page - ATMEL Corporation AT43USB353M Datasheet HTML 48Page - ATMEL Corporation AT43USB353M Datasheet HTML 49Page - ATMEL Corporation AT43USB353M Datasheet HTML 50Page - ATMEL Corporation AT43USB353M Datasheet HTML 51Page - ATMEL Corporation AT43USB353M Datasheet HTML 52Page - ATMEL Corporation AT43USB353M Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
49
AT43USB353M
3307B–USB–4/04
The successive approximation circuitry requires an input clock frequency between 15 kHz and
1 MHz to achieve maximum resolution. If a resolution of lower than 10 bits is required, the
input clock frequency to the ADC can be higher than 200 kHz to achieve a higher sampling
rate. See “ADC Characteristics” on page 54 for more details. The ADC module contains a
prescaler, which divides the CK of 2 MHz clock input, to an acceptable ADC clock frequency.
The ADPS[0:2] bits in ADCSR are used to generate a proper ADC clock input frequency from
15.6 kHz to 1.0 MHz. The prescaler starts counting from the moment the ADC is switched on
by setting the ADEN bit in ADCSR. The prescaler keeps running for as long as the ADEN bit is
set and is continuously reset when ADEN is low.
When initiating a conversion by setting the ADSC bit in ADCSR, the conversion starts at the
following rising edge of the ADC clock cycle.
A normal conversion takes 12 ADC clock cycles. In certain situations, the ADC needs more
clock cycles for initialization and to minimize offset errors. Extended conversions take 25 ADC
clock cycles and occur as the first conversion after the ADC is switched on (ADEN in ADCSR
is set).
The actual sample-and-hold takes place 1.5 ADC clock cycles after the start of a conversion.
When a conversion is complete, the result is written to the ADC data registers and ADIF is set.
In Single Conversion Mode, ADSC is cleared simultaneously. The software may then set
ADSC again and a new conversion will be initiated on the first rising ADC clock edge. In Free
Running Mode, a new conversion will be started immediately after the conversion completes,
while ADSC remains high. Using Free Running Mode and an ADC clock frequency of 1 MHz
gives the lowest conversion time with a maximum resolution, 12 µs, equivalent to 83 kSPS.
For a summary of conversion times, see Table 21.
Figure 17. ADC Timing Diagram, Extended Conversion (Single Conversion Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com