Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 31Page - ATMEL Corporation AT43USB353M Datasheet HTML 32Page - ATMEL Corporation AT43USB353M Datasheet HTML 33Page - ATMEL Corporation AT43USB353M Datasheet HTML 34Page - ATMEL Corporation AT43USB353M Datasheet HTML 35Page - ATMEL Corporation AT43USB353M Datasheet HTML 36Page - ATMEL Corporation AT43USB353M Datasheet HTML 37Page - ATMEL Corporation AT43USB353M Datasheet HTML 38Page - ATMEL Corporation AT43USB353M Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
35
AT43USB353M
3307B–USB–4/04
8-bit
Timer/Counter0
The 8-bit Timer/Counter0 clock source is prescaled from CK, 12 MHz. In addition it can be
stopped as described in the specification for the Timer/Counter0 Control Register (TCCR0).
The overflow status flag is found in the Timer/Counter Interrupt Flag Register (TIFR). Control
signals are found in the Timer/Counter0 Control Register (TCCR0). The interrupt enable/dis-
able settings for Timer/Counter0 are found in the Timer/Counter Interrupt Mask Register -
TIMSK.
The 8-bit Timer/Counter0 features both a high resolution and a high accuracy usage with the
lower prescaling opportunities. Similarly, the high prescaling opportunities make the
Timer/Counter0 useful for lower speed functions or exact timing functions with infrequent
actions.
Figure 10. Timer/Counter0 Block Diagram
Control
Logic
Timer/Counter0
(TCNT0)
Timer Int. Mask Register
(TIMSK)
Timer Int. Flag Register
(TIFR)
T/C0 Control Register
(TCCR0)
T/C Clock Source
70
CK, 12 MHz
T/C0
Overflow IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com