Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 84Page - ATMEL Corporation AT43USB353M Datasheet HTML 85Page - ATMEL Corporation AT43USB353M Datasheet HTML 86Page - ATMEL Corporation AT43USB353M Datasheet HTML 87Page - ATMEL Corporation AT43USB353M Datasheet HTML 88Page - ATMEL Corporation AT43USB353M Datasheet HTML 89Page - ATMEL Corporation AT43USB353M Datasheet HTML 90Page - ATMEL Corporation AT43USB353M Datasheet HTML 91Page - ATMEL Corporation AT43USB353M Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
88
AT43USB353M
3307B–USB–4/04
Note:
1. With 6.000 MHz, 100 ppm crystal.
Table 34. USB Source Timings, Full-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TDRATE
Full Speed Data Rate
(1)
Average Bit Rate
11.97
12.03
Mb/s
TFRAME
Frame Interval
(1)
0.9995
1.0005
ms
TRFI
Consecutive Frame Interval Jitter
(1)
No clock adjustment
42
ns
TRFIADJ
Consecutive Frame Interval Jitter
(1)
With clock adjustment
126
ns
TDJ1
TDJ2
Source Diff Driver Jitter
To Next Transition
For Paired Transitions
-3.5
-4
3.5
4
ns
TFDEOP
Source Jitter for Differential Transition to SEO
Transitions
-2
5
ns
TDEOP
Differential to EOP Transition Skew
-2
5
ns
TJR1
TJR2
Receiver Data Jitter Tolerance
To Next Transition
For Paired Transitions
-18.5
-9
18.5
9
ns
TFEOPT
Source SEO interval of EOP
160
175
ns
TFEOPR
Receiver SEO interval of EOP
82
ns
TFST
Width of SEO interval during differential transition
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com