Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 77Page - ATMEL Corporation AT43USB353M Datasheet HTML 78Page - ATMEL Corporation AT43USB353M Datasheet HTML 79Page - ATMEL Corporation AT43USB353M Datasheet HTML 80Page - ATMEL Corporation AT43USB353M Datasheet HTML 81Page - ATMEL Corporation AT43USB353M Datasheet HTML 82Page - ATMEL Corporation AT43USB353M Datasheet HTML 83Page - ATMEL Corporation AT43USB353M Datasheet HTML 84Page - ATMEL Corporation AT43USB353M Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
81
AT43USB353M
3307B–USB–4/04
Port Power Switching
1.
Gang Power Switching – One of the microcontroller GPIO pins, PWRN, must be pro-
grammed as an output to control the external switch such as the MIC2025-2. Switch
ON is requested by the USB Host through the SetPortFeature(PORT_POWER)
request. Switch OFF is executed upon receipt of a ClearPortFeature(PORT_POWER)
or upon detecting an overcurrent condition. The firmware clears the Power Control Bit.
Only if all of the Power Control Bits of ports 2 and 3 are cleared should the firmware de-
assert the PWRN pin.
2.
Individual Power Switching – Two microcontroller GPIO pins, PWR2N and PWR3N,
must be assigned for each USB port to control the external switch such as the
MIC2026-2. Each of the Power Control Bits controls one PWRxN.
3.
Multiple Ganged Overcurrent Protection – Overcurrent sensing is grouped physi-
cally into one or more gangs, but reported individually.
Figure 20 shows a simplified diagram of a power management circuit of an AT43USB353M
based hub design with global overcurrent protection and ganged power switching.
Figure 20. Port Power Management
Suspend and
Resume
The AT43USB353M enters suspend only when requested by the USB host through bus inac-
tivity for at least 3 ms. The USB hardware would detect this request, sets the GLB_SUSP bit of
SPRSR, Suspend/Resume Register, and interrupts the microcontroller if the interrupt is
enabled. The microcontroller should shut down any peripheral activity and enter the Power
Down mode by setting the SE and SM bits of MCUCR and then executes the SLEEP instruc-
tion. The USB hardware shuts off the oscillator and PLL.
CTL
FLG
IN
OUT
SWITCH
AT43USB353M
GND
VCC
PWRN
OVCN
PORT2_POWER
PORT2_GND
PORT3_POWER
PORT3_GND
BUS_POWER
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com