Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 10Page - ATMEL Corporation AT43USB353M Datasheet HTML 11Page - ATMEL Corporation AT43USB353M Datasheet HTML 12Page - ATMEL Corporation AT43USB353M Datasheet HTML 13Page - ATMEL Corporation AT43USB353M Datasheet HTML 14Page - ATMEL Corporation AT43USB353M Datasheet HTML 15Page - ATMEL Corporation AT43USB353M Datasheet HTML 16Page - ATMEL Corporation AT43USB353M Datasheet HTML 17Page - ATMEL Corporation AT43USB353M Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
14
AT43USB353M
3307B–USB–4/04
address range $00 – $1F are directly bit-accessible using the SBI and CBI instructions. In
these registers, the value of single bits can be checked by using the SBIS and SBIC instruc-
tions. Refer to the instruction set documentations of the AVR for more details. When using the
I/O specific commands, IN and OUT, the I/O address $00 – $3F must be used. When address-
ing I/O registers as SRAM, $20 must be added to this address. All I/O register addresses
throughout this document are shown with the SRAM address in parentheses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
USB Hub
A block diagram of the USB hardware of the AT43USB353M is shown in Figure 3. The USB
hub of the AT43USB353M has 3 downstream ports. The embedded function is permanently
attached to Port 1. Ports 2 and 3 are available as external ports. The actual number of ports
used is strictly defined by the firmware of the AT43USB353M and can vary from 0 to 2.
Because the exact configuration is defined by firmware, ports 2 and 3 may even function as
permanently attached ports as long as the Hub Descriptor identifies them as such.
USB Function
The embedded USB function has its own device address and has a default end-point plus 3
other programmable end-points. Two of these end-points contain their own 64-byte FIFO while
the third end-point has an 8-byte FIFO. End-points 1 - 3 can be programmed as interrupt IN or
OUT or bulk IN or OUT end-points.
Figure 3. USB Hardware
Hub Repeater
Serial Interface Engine
AVR Microcontroller
Data
Address
Control
Hub
Interface
Unit
Port 1
Function
Interface
Unit
Port 0
XCVR
Port 2
XCVR
Port 3
XCVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com