Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 50Page - ATMEL Corporation AT43USB353M Datasheet HTML 51Page - ATMEL Corporation AT43USB353M Datasheet HTML 52Page - ATMEL Corporation AT43USB353M Datasheet HTML 53Page - ATMEL Corporation AT43USB353M Datasheet HTML 54Page - ATMEL Corporation AT43USB353M Datasheet HTML 55Page - ATMEL Corporation AT43USB353M Datasheet HTML 56Page - ATMEL Corporation AT43USB353M Datasheet HTML 57Page - ATMEL Corporation AT43USB353M Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
54
AT43USB353M
3307B–USB–4/04
ADC Characteristics
I/O-Ports
All AVR ports have true Read-Modify-Write functionality when used as general digital I/O
ports. This means that the direction of one port pin can be changed without unintentionally
changing the direction of any other pin with the SBI and CBI instructions. The same applies for
changing drive value if configured as output or enabling/disabling of pull-up resistors if config-
ured as input.
Port A
Port A is an 8-bit bi-directional I/O port. The Port A output buffers can sink or source 2 mA.
Three I/O memory address locations are allocated for the Port A, one each for the Data Regis-
ter PORTA, $1B($3B), Data Direction Register (DDRA), $1A($3A) and the Port A Input Pins
(PINA) $19($39). The Port A Input Pins address is read only, while the Data Register and the
Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. When pins PA0 to PA7 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resistors are
activated.
Port A Data Register – PORTA
Port A Data Direction Register – DDRA
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
10
Bits
Integral Non-linearity
V
REF = VCEXTA
4
LSB
Differential Non-linearity
VREF = VCEXTA
4
LSB
Zero Error (Offset)
-2
2
LSB
Full Scale Error
-4
4
LSB
VREF input resistance
25
°C12
18
24
k
Ω
Analog Input Resistance
100
M
Ω
Conversion Time
12
768
µs
Clock Frequency
at 50% duty cycle
1
MHz
Bit
7
6
5
4
3
2
1
0
$1B ($3B)
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
$1A ($3A)
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
DDRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com